Part Number Hot Search : 
M5817 C40S1 221M16 OB2288 TA0326A PC160 203D5 CCF6054K
Product Description
Full Text Search
 

To Download KDV1470 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
FM RADIO BAND TUNING APPLICATION. FEATURES
High Capacitance Ratio : C1V/C5V=5.0(Min.) Excellent C-V Characteristics. Variations of Capacitance Values is Little.
A
KDV1470
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
L
E B
L
DIM A
D
B C D E G H J K
MILLIMETERS _ 2.93 + 0.20
1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
G
Small Package.
2
3
H
1
MAXIMUM RATING (Ta=25
CHARACTERISTIC Reverse Voltage Junction Temperature Storage Temperature Range
)
SYMBOL VR Tj Tstg RATING 16 150 UNIT V
C N
P
P
L M N P
M 3
1. ANODE 1
-55 150
2. ANODE 2 3. CATHODE
2 1
K
SOT-23
CLASSIFICATION OF CAPACITANCE RATIO GRADE
GRADE A B C CAPACITANCE (C1V) 65.80 68.27 70.74 69.25 71.72 74.20
Type Name
UNIT
pF
Marking
Grade Lot No.
S3
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Reverse Voltage Reverse Current SYMBOL VR IR C1V C2V Capacitance C3V C4.5V C5V Capacitance Ratio Series Resistance K rS IR=10 A VR=10V VR=1V, f=1MHz VR=2V, f=1MHz VR=3V, f=1MHz VR=4.5V, f=1MHz VR=5V, f=1MHz C1V/C5V, f=1MHz VR=1.5V, f=100MHz TEST CONDITION MIN. 16 65.8 12.0 5.0 TYP. 70 43 24 13.5 12.5 0.43 MAX. 50 74.2 14.8 0.5 pF UNIT V nA
2002. 6. 25
Revision No : 1
J
1/2
KDV1470
C-V
CAPACITANCE C (pF) 200
R
IR - VR
100n REVERSE CURRENT I R (A)
f=50MHz Ta=25 C Ta=85 C
100
10n
Ta=55 C
50 30
1n
Ta=25 C
100p
10 0 1 2 3 4 5 REVERSE VOLTAGE V (V)R
10p 0 2 4 6 8 10 12 14 16
REVERSE VOLTAGE VR (V)
Q
500
Ta=25 C
- VR
1 ()
VR =1V Ta=25 C
rs - f
300 FIGURE OF MERIT Q
f=5 Hz 0M Hz 0M z f=7 H 00M f=1
100 50 30
SERIES RESISTANCE r s
0.5
0.3
10 0 1 2 3 4 5 REVERSE VOLTAGE V R (V)
0.1 20 50 100 300 500 1K FREQUENCY f (MHz)
C(Ta)/C(25 C) - VR (V)
1.08 VARIATION OF CAPACITANCE C(Ta)/C(25 C) 1.06 1.04 1.02 1 0.98 0.96 0.94 0.92 0 1 2 3 4 5
Ta=25 C Ta=-15 C Ta=-55 C Ta=85 C Ta=55 C
(ppm/ C) - VR
1k VARIATION OF CAPACITANCE (ppm/ C)
f=1MHz
700 500 300
f=1MHz Ta=-55 C~+85 C
100 0 1 2 3 4 5 REVERSE VOLTAGE V R (V) REVERSE VOLTAGE VR (V)
2002. 6. 25
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of KDV1470

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X